Part Number Hot Search : 
BAL99 MJ15024 AN5838 Z89371QF MAX204 A1720 TAIV1 85EPS08J
Product Description
Full Text Search
 

To Download KTC3880S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
SOT-23
KTC3880S
FEATURES Power dissipation PCM:
TRANSISTOR (NPN)
1. BASE 2. EMITTER 3. COLLECTOR
150
mW (Tamb=25)
0. 95
1. 0
2. 4 1. 3
Collector current 20 mA ICM: Collector-base voltage 40 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS( Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance Noise figure Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1)
2. 9
1. 9
0. 95
Unit: mm
unless otherwise specified)
Test conditions MIN TYP MAX UNIT V V V
Ic=100A, IE=0 Ic=1mA, IB=0 IE=100A, IC=0 VCB=18V, IE=0 VEB=4V, IC=0 VCE=6V, IC=1mA VCE=6V, IC=1mA VCB=6V, IE=0, f=1MHz VCE=6V, Ic=1mA, f=100MHZ
40 30 4 0.5 0.5 40 500 1
5
0. 4
A A
200
MHz pF dB
fT
Cob NF
CLASSIFICATION OF hFE(1) Rank Range Marking R 40-80 AQR O 70-140 AQO Y 100-200 AQY


▲Up To Search▲   

 
Price & Availability of KTC3880S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X